PART |
Description |
Maker |
1N5393 1N5399 1N5391 1N5392 1N5394 1N5395 1N5396 1 |
1.5A, 1000V ultra fast recovery rectifier 1.5 Amp Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5A, 200V ultra fast recovery rectifier 1.5A, 100V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
UFR3130 UFR3010 UFR3015 UFR3150 UFR3020 UFR3280 UF |
LOW DROP POWER SCHOTTKY RECTIFIER ULTRA FAST RECOVERY RECTIFIER Ultra Fast Rectifier (less than 100ns)
|
MICROSEMI[Microsemi Corporation]
|
UFT40150 UFT40130 UFT40140 |
LOW DROP POWER SCHOTTKY RECTIFIER ULTA FAST RECOVERY MODULE Ultra Fast Rectifier (less than 100ns)
|
MICROSEMI[Microsemi Corporation]
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
RKBPC2506 RKBPC2506W RKBPC1506 RKBPC1506W RKBPC150 |
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER 10,15,25,35早日康复桥式整流 IC FAN BUFF LV DUAL 1:10 52-LQFP 10152535A FAST RECOVERY BRIDGE RECTIFIER 10/15/25/35A FAST RECOVERY BRIDGE RECTIFIER
|
Microsemi, Corp. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
ES3XB-13-F ES3X-13-F ES3C-13-F ES3B-13-F |
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 3A 150V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 150 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 100V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PFR0 |
Fast Recovery Axial Rectifier. 1000 V. Io=01.6 A Axialleaded Hermetically Sealed Fast Recovery Rectifier Diode(反向电压1000V,平均正向电.6A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
1N4933RL 1N4934RL 1N4936RL |
1A 50V Fast-Recovery Rectifier 1A 100V Fast-Recovery Rectifier 1A 400V Fast-Recovery Rectifier
|
ON Semiconductor
|
UF1503S-B UF1503S-T UF1501S-B UF1501S-T UF1507S-B |
1.5A ULTRA-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-41 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-41
|
Diodes Incorporated Diodes, Inc.
|
F40A F60A |
RECTIFIER, up to 6kV, 100mA, 300ns Fast Recovery Axial Rectifier. 4000 V-6000 V. Io=0.25 A 轴向快速恢复整流4000 V000五,木卫一\u003d 0.25 Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压4000V,平均正向电00mA,轴向引脚,密封型,高压快速恢复整流二极管)
|
Microsemi, Corp. Semtech Corporation
|